| 전자부품 데이터시트 검색엔진 |
|
TLE7239SL 데이터시트(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7239SL 데이터시트(HTML) 17 Page - Infineon Technologies AG |
|
17 / 37 page ![]() SPI Driver for Enhanced Relay Control TLE7239SL Power Stages Data Sheet 17 Rev. 1.0, 2010-02-18 6.3 Inductive Output Clamp When switching off inductive loads with low-side switches, the potential at pin OUT rises to V DS(CL) potential, because the inductance intends to continue driving the current. For the high-side channels, the potential at pin OUT drops below ground potential to V S(CL). The voltage clamping is necessary to prevent destruction of the device, see Figure 5 for details. Nevertheless, the maximum allowed load inductance is limited by the max. clamping energy E AR see electrical characteristics “EAR” on Page 10. Figure 5 Output Clamp Implementation Maximum Load Inductance During demagnetization of inductive loads, energy has to be dissipated in the TLE7239SL. This energy can be calculated with following equations: Low-side (1) High-side (2) These equations simplify under the assumption of R L = 0: Low-side (3) High-side (4) The maximum energy, which is converted into heat, is limited by the thermal design of the component. OutputClamp.emf high side channel GND Vbb L, RL VS I S VBB OUT low side channel L, R L I D OUT VD V S(CL) VDS(CL) GND VDS(CL) IL IL EVDS(CL) Vbb V – DS(CL) RL ----------------------------------- ln ⋅ 1 RL IL ⋅ Vbb V – DS(CL) ----------------------------------- – IL + L RL ------ ⋅⋅ = EVbb VS(CL) – () VS(CL) RL ---------------- ln ⋅ 1 RL IL ⋅ VS(CL) ---------------- – IL + L RL ------ ⋅⋅ = E 1 2 --- LIL 2 1 Vbb Vbb V – DS(CL) ----------------------------------- – ⋅ = E 1 2 --- LIL 2 1 Vbb VS(CL) ---------------- – ⋅ = |