전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAV70W 데이터시트(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

부품명 BAV70W
상세설명  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV70W 데이터시트(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BAV70W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV70W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAV70W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
BAV70W
Dual Chips Common Cathode
Surface Mount Switching Diode
http://www.SeCoSGmbH.com
Elektronische Bauelemente
TA= - 405C
O
TA= 255 C
O
TA=1505C
O
TA= 1255C
O
TA = 855C
O
TA = 555C
O
TA = 255C
O
TA = 855C
O
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.0
0
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.7
0.6
2
4
6
8
Figure 3. Forward Voltage
Figure 4. Leakage Current
Figure 5. Capacitance
01-Jun-2004 Rev. B
Page
3 of 3



Html Pages

1 2 3