전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LX24232 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 LX24232
상세설명  32 Channel BackLight LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX24232 데이터시트(HTML) 1 Page - Microsemi Corporation

  LX24232 Datasheet HTML 1Page - Microsemi Corporation LX24232 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi
Copyright
 2011
Rev. 0.1, April 2011
LX24232 - 32 Channel BackLight
LED Driver
TM
®
P
P R
R O
O D
D U
U C
C T
T
B
B R
R II E
E F
F
D ESC R I PTIO N
K E Y F E AT U RE S
The LX24232 is a 32-channel display backlight LED controller. The
device is part of a chipset consisting of the LX24232 and the LX23108A 8-
channel LED driver. Each controller is capable of controlling up to 32 LED
channels, by controlling up to four LX23108A LED drivers. Each driver
contains eight FETs and controls up to 4 x 8 LED channels, where each
channel is capable of driving a current of up to 200mA.
The LX24232 has 32 independent, frame-by-frame controlled PWM
output channels; each output channel supports independent duty-cycle
and phase delay control. It uses a Vsync input for flexible synchronization
schemes, including synchronization to either rising or falling edges,
optimal Vsync jitter support, as well as single or multiple PWM cycles per
frame support, and loss of Vsync support.
The LX24232 consists of an on-chip internal power supply control
circuitry that can be used to adjust the voltage level of an external LED
power source. This is done by regulating the LED supply voltage to the
optimum level, and thus minimizing the system power loss. At the same
time, accurate current regulation for each of the 32 LED strings is
maintained.
The LX24232 includes an on-chip analog to digital converter for drain
voltage (VD) measurements, for power supply control, fault detection and
protection.
The device is configured through the SPI interface which
speeds up communication and reduces the number of control signals
between the LX24232 and the host system (FPGA, Video Processor, and
CPU).
The LX24232 supports a daisy chain connection in case more than 32
channels are required and can detect three types of system faults on each
of its 32 channels (over-temperature, open LEDs and short LEDs). After
detecting the faults the unit takes the required measures to protect the
system.
The LX24232 is capable of controlling up to 8 LX23108A drivers, in a
special configuration where two consecutive channels are connected
together for increased current support. Refer to the application note for
more details.
♦ White LED or RGB BackLight
driver for large size display
panels
♦ Up to 32 LED strings with
±1.5% precision current
matching
♦ Wide dimming ratio with PWM
and LED current amplitude
control
♦ 12-bit PWM duty-cycle
resolution and 8-bit resolution
for LED current setting
♦ LED power supply voltage
control
♦ SPI communication interface
♦ Open string, short LED and
over-temperature protection
for each individual channel
♦ On-chip thermal monitoring
PACKAGE ORDER INFO
TA (°C)
Plastic 8x8mm QFN 56 pin
RoHS Compliant/Pb free
-40 to +85
°C
LX24232ILQ
Note: Available in Tape & Reel. Append the letters ”TR” to the part number. (i.e. LX24232ILQ-TR)


유사한 부품 번호 - LX24232

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
LX24 BANNER-LX24 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX24 BANNER-LX24 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
Polyfet RF Devices
LX2401 POLYFET-LX2401 Datasheet
103Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Banner Engineering Corp...
LX24E BANNER-LX24E Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX24E BANNER-LX24E Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
More results

유사한 설명 - LX24232

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
4-Channel LED Backlight Driver
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com