| 전자부품 데이터시트 검색엔진 |
|
PD67124MAC-GGGG 데이터시트(PDF) 7 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD67124MAC-GGGG 데이터시트(HTML) 7 Page - Microsemi Corporation |
|
7 / 14 page ![]() PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM Data Sheet (Non-confidential) Copyright © 2009 Microsemi Page 6 Rev. 1.0 / 17-March-10 Analog Mixed Signal Group 2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308 Pin Designations __________ The PD671xxx DIMMs have a fit/form based on a JEDEC MO-161f outline. Conventions used in the design are as follows: Power and ground connections are reproduced a number of times to carry heavy currents. Signals are categorized as analog (input or output) or digital (input, output and I/O). All lines which are identified with an “x” prefix are active when logical is low. Refer to Figure 5. Figure 5: Pinout |