| 전자부품 데이터시트 검색엔진 |
|
PD67124AM 데이터시트(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD67124AM 데이터시트(HTML) 1 Page - Microsemi Corporation |
|
1 / 14 page ![]() PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM Data Sheet (Non-confidential) DESCRIPTION KEY FE A T URES Microsemi’s™ new and unique family of Power over Ethernet (PoE) modules enable next-generation network devices to share data and power over the same cable. The PD671xxx PoE PSE modules are fit / form compatible with the standard plug-in memory modules used in personal computers (Dual Inline Memory Modules - DIMMs) (see Figure 1 and Figure 12). Thus, the use of these modules permit network devices to be designed for up to 96 ports, with fewer ports actually installed. Additional modules can be inserted in the field at any time. The PD671xxx (8, 12 or 24 ports DIMM) includes a wide range of functions. Some of these modules include the PD69000 micro-controller unit (PoE controller) for Enhanced features and a flexible work environment in a DIMM master or DIMM slave configuration (refer to Ordering Information, page 2). Microsemi’s PoE PD671xxx DIMMs implement real time mechanisms including detection, classification, port real-time protection and system level functions (power management and MIB support). Microsemi’s PD69012 IC, 12-channel PoE Manager IC is at the heart of these modules. PD671xxx DIMMs enable the detection of IEEE802.3at-2009 Type 1 (low power) or Type 2 (high power) Powered Devices (PDs), ensuring safe power feeding and removal over Ethernet ports. The PD69012-based DIMMs detect and disable disconnected ports, using DC or AC disconnection methods. The DIMMs are embedded in multi- port and highly populated Ethernet switches, requiring a minimum of external components. The PD671xxx DIMM is fully backwards compatible with the PD670xx DIMM and can be dropped into existing designs. Figure 1: PoE PD67124 DIMM IMPORTANT: For the most current data, consult Microsemi’s website: http://www.microsemi.com IEEE 802.3AT-2009 and IEEE802.3AF-2003 compliant Up to 30 W per port power PoE solution RoHS compliant Supports IETF PoE MIB (RFC 3621) Up to 24 power ports per single DIMM Up to 96 ports in a system, using master and slave configuration Thermal protection per port Thermal monitoring capabilities Pre-standard detection methods (Cisco Inline Power and Power over LAN Legacy) Non-standard terminals supported DC disconnect with DC modulation AC disconnect function utilizing external diodes PD 2-events classification function Operates using a single input (44 to 57 VDC) I 2C or UART host interface Host communication is backward compatible with PD67024M communication, or Marvell® ISSR Programmable over current protection per port Built-in power management algorithm Internal power-on reset mechanism Fast port shutdown on power supply failure Supports Backplane Power Management Automatic on/off sequencer for 96 ports Disable/enable power per port Continuous port current monitoring Serial interface for LED indicator support Backwards compatible with PD670xx Fit/form compliant with168-pin DIMM JEDEC MO-161F, 3.3 V Space efficient compact design Factory pre-tested, for plug-and-play integration Safety standard compliant: UL / cUL per UL60950-1 (mounted on Microsemi evaluation board) |
유사한 부품 번호 - PD67124AM |
|
유사한 설명 - PD67124AM |