| 전자부품 데이터시트 검색엔진 |
|
PPD08100YP9B2 데이터시트(PDF) 13 Page - Thinking Electronic Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
PPD08100YP9B2 데이터시트(HTML) 13 Page - Thinking Electronic Industrial Co.,Ltd |
|
13 / 17 page ![]() CPTC Thermistor: : : :PP Series Overload Protection THINKING ELECTRONIC INDUSTRIAL Co., LTD. 13 www.thinking.com.tw 2008.04 Soldering Recommendation Wave Flow Soldering Profile Recommended Reworking Conditions With Soldering Iron Item Conditions Temperature of Soldering Iron-tip 360℃ (max.) Soldering Time 3 sec (max.) Distance from Thermistor 2 mm (min.) 130±20℃ 260℃ Max Tamb Cooling Time Soldering Preheating 30~90 sec. <1 sec. <10 sec. Note 1 Note 2 Note 3 Note 1: (1~3℃)/sec Note 2: Approx. 200℃/sec Note 3: 5℃/sec. (Max) |