전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB002 데이터시트(PDF) 4 Page - Protek Devices

부품명 USB002
상세설명  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB002 데이터시트(HTML) 4 Page - Protek Devices

  USB002_11 Datasheet HTML 1Page - Protek Devices USB002_11 Datasheet HTML 2Page - Protek Devices USB002_11 Datasheet HTML 3Page - Protek Devices USB002_11 Datasheet HTML 4Page - Protek Devices USB002_11 Datasheet HTML 5Page - Protek Devices USB002_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05244.R3 4/11
Page 4
USB002
Sot-543 Package inFoRMation
oUtline diMenSionS
diM
MilliMeteRS
incheS
Min
MaX
Min
MaX
A
1.50
1.70
0.059
0.067
B
1.10
1.30
0.043
0.051
C
0.50
0.60
0.020
0.024
D
0.17
0.27
0.007
0.011
G
0.50 BSC
0.020 BSC
J
0.08
0.18
0.003
0.007
K
0.10
0.30
0.004
0.012
S
1.50
1.70
0.059
0.067
R
0.05
0.15
0.002
0.006
noteS
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
4. Do not connect center stub.
Pad layoUt diMenSionS
diM
MilliMeteRS
incheS
noMinal
noMinal
A
1.02
0.040
B
1.20
0.048
C
0.30
0.012
D
0.51
0.020
noteS
1. Controlling dimension: inches.
A
B
D
G
J
C
K
S
1
B
A
D
C
R



Html Pages

1 2 3 4 5 6