전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB0408 데이터시트(PDF) 8 Page - Protek Devices

부품명 USB0408
상세설명  350 watt low capacitance tvs array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0408 데이터시트(HTML) 8 Page - Protek Devices

  USB0408 Datasheet HTML 1Page - Protek Devices USB0408 Datasheet HTML 2Page - Protek Devices USB0408 Datasheet HTML 3Page - Protek Devices USB0408 Datasheet HTML 4Page - Protek Devices USB0408 Datasheet HTML 5Page - Protek Devices USB0408 Datasheet HTML 6Page - Protek Devices USB0408 Datasheet HTML 7Page - Protek Devices USB0408 Datasheet HTML 8Page - Protek Devices USB0408 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05205.R5 10/10
Page 8
USB0403 - USB0424C
taPe anD Reel
SPeCiFiCationS
Reel Dia.
taPe
wiDth
a0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
3.10 ± 0.10 2.70 ± 0.10 1.35 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) and date code.
Package outline, pad layout and tape specifications per document number 06011.R4 8/10.
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t
oRDeRing inFoRMation
BaSe PaRt nUMBeR
(xx = voltage)
leaDFRee SUFFiX
taPe SUFFiX
Qty/Reel
Reel SiZe
tUBe Qty
USB04xx/USB04xxC
-LF
-T7
3000
7”
n/a
USB04xx/USB04xxC
-LF
-T13
10,000
13”
n/a



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com