전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIP8.4 데이터시트(PDF) 4 Page - Protek Devices

부품명 PIP8.4
상세설명  ac power bus voltage suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PIP8.4 데이터시트(HTML) 4 Page - Protek Devices

  PIP8.4 Datasheet HTML 1Page - Protek Devices PIP8.4 Datasheet HTML 2Page - Protek Devices PIP8.4 Datasheet HTML 3Page - Protek Devices PIP8.4 Datasheet HTML 4Page - Protek Devices PIP8.4 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05027.R7 1/11
Page 4
PHP8.4 - PIP500
Package InFoRMatIon
oRDeRIng InFoRMatIon
base PaRt nuMbeR
(xx = voltage)
subMoDule
scReenIng
subMoDule & MoDule
scReenIng
subMoDule & MoDule scReenIng,
gRouP b & c lot testIng
PHPxxx
H1
H2
H3
PIPxxx
H1
H2
H2
notes
1. Marking on Part - logo , date code and part number.
Package outline per document number 06033.R1 9/09
outlIne DIMensIons
DIM
MIllIMeteRs
IncHes
MIn
MaX
MIn
MaX
A
56.38
57.91
2.22
2.28
B
49.02
50.03
1.93
1.87
C
3.43
4.17
0.135
0.165
D
20.32
0.800
E
8.26
9.27
0.325
0.365
F
3.18 DIA.
0.125 DIA.
G
16.76
18.29
0.660
0.720
H
34.16
35.69
1.345
1.405
I
6.35
0.250
J
11.94
13.46
0.47
0.53
notes
1. Dimensions “D”, “F” and “I” are nominal.
G
H
F
A
B
C
D
E
I
J



Html Pages

1 2 3 4 5