전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5151 데이터시트(PDF) 1 Page - Semicoa Semiconductor

부품명 2N5151
상세설명  Type 2N5151 Geometry 9702 Polarity PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMICOA [Semicoa Semiconductor]
홈페이지  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5151 데이터시트(HTML) 1 Page - Semicoa Semiconductor

  2N5151 Datasheet HTML 1Page - Semicoa Semiconductor 2N5151 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N5151
Geometry 9702
Polarity PNP
Qual Level: JAN - JANS
Data Sheet No. 2N5151
Generic Part Number:
2N5151
REF: MIL-PRF-19500/545
Features:
• Silicon power transistor for use in
high speed switching applications.
• Housed in a TO-39 case.
• Also available in chip form using
the 9702 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/545 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
V
Collector-Base Voltage
VCBO
100
V
Emitter-Base Voltage
VEBO
5.5
V
Collector Current, Continuous
IC
2
A
Collector Current, PW < 8.3 ms, < 1% duty cycle
IC
10
A
Reverse Pulse Energy
15
mJ
Power Disipation TA = 25
oC ambient
1.0
Watt
Derate above 25
oC
5.7
mW/
oC
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
TO-39


유사한 부품 번호 - 2N5151

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N5151 SEME-LAB-2N5151 Datasheet
20Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
Semicoa Semiconductor
2N5151 SEMICOA-2N5151 Datasheet
33Kb / 1P
Chip Type 2C5153 Geometry 9221 Polarity NPN
logo
Central Semiconductor C...
2N5151 CENTRAL-2N5151 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Solid States Devices, I...
2N5151 SSDI-2N5151 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR
More results

유사한 설명 - 2N5151

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
Type 2N2907A Geometry 0600 Polarity PNP
2N3468L SEMICOA-2N3468L Datasheet
107Kb / 2P
Type 2N3468L Geometry 6706 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
Type 2N3485A Geometry 0600 Polarity PNP
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
Type 2N4033 Geometry 6700 Polarity PNP
2N5003 SEMICOA-2N5003 Datasheet
152Kb / 3P
Type 2N5003 Geometry 9702 Polarity PNP
2N5005 SEMICOA-2N5005 Datasheet
153Kb / 3P
Type 2N5005 Geometry 9702 Polarity PNP
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
Type 2N5151L Geometry 9702 Polarity PNP
2N5153 SEMICOA-2N5153 Datasheet
60Kb / 2P
Type 2N5153 Geometry 9702 Polarity PNP
2N5153L SEMICOA-2N5153L Datasheet
59Kb / 2P
Type 2N5153L Geometry 9702 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
Type 2N6987 Geometry 0600 Polarity PNP
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com