전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRF560CT 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 MBRF560CT
상세설명  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF560CT 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  MBRF560CT_08 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF560CT_08 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 5. 13
2/2
MBRF560CT
Revision No : 2
CURRENT DERATING (AMBIENT)
CURRENT DERATING (CASE)
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
0.001
0
80
10
0.01
0.1
1.0
10
100
100
1.0
RATED VOLTAGE
R
=4.0 C/W
th(j-c)
DC
180
SQUARE WAVE
APPLIED
40
80
120
160
RATED VOLTAGE APPLIED
R
=60 C/W
th(j-a)
(NO HEAT SINK)
DC
180
SQUARE WAVE
2.0
4.0
6.0
8.0
2.0
4.0
10
180
SQUARE WAVE
DC
I AV
= 20
PK
I
6.0
8.0
0
0.1
0.3
0.5
1.0
3.0
5.0
1.0
0.2
0.4
0.6
0.8
1.0
20
30
40
50
60
110
120
130
140
150
90
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.5
20
60
100
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SINE
WAVE
10
5
T
j=25 C
T =25 C
j
T =100 C
j
T =150 C
j



Html Pages

1 2