| 전자부품 데이터시트 검색엔진 |
|
MBRF2045CT 데이터시트(PDF) 2 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
MBRF2045CT 데이터시트(HTML) 2 Page - KEC(Korea Electronics) |
|
2 / 2 page ![]() 2008. 5. 13 2/2 MBRF2045CT Revision No : 2 AVERAGE FORWARD CURRENT IF(AV) (A) PF(AV) - IF(AV) REVERSE VOLTAGE VR (V) IR - VR IF - VF FORWARD VOLTAGE VF (V) IF - TC IF - TA CASE TEMPERATURE Tc ( C) AMBIENT TEMPERATURE TA ( C) 0 0 0 0 0 0 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 10 20 30 1.0 10 100 70 90 110 130 150 5 10 RATED VOLTAGE R =3.5 C/W ΘJC DC APPLIED 40 80 120 160 5 10 15 20 RATED VOLTAGE APPLIED ΘJA ΘJA R =16 C/W R =60 C/W (NO HEAT SINK) DC DC 4.0 8.0 12 16 4.0 16 DC 8.0 12 15 20 25 20 24 28 20 40 50 j T =25 C T j =25 C |