전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRF10100CT 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 MBRF10100CT
상세설명  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF10100CT 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  MBRF10100CT Datasheet HTML 1Page - KEC(Korea Electronics) MBRF10100CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 5. 13
2/2
MBRF10100CT
Revision No : 2
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
IF - TC
IF - TA
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
0
100
0.2
0.5
0.4
0.6
0.8
1.0
1.2
1.0
3.0
5.0
10
30
50
20
40
60
80
0.1
1.0
10
100
110
120
130
140
150
4.0
8.0
12
16
RATED VOLTAGE
R
=3.5 C/W
ΘJC
DC
APPLIED
40
80
120
160
4
8
12
16
RATED VOLTAGE APPLIED
ΘJA
ΘJA
R
=16 C/W
R
=60 C/W
(NO HEAT SINK)
DC
DC
2.0
4.0
6.0
8.0
2.0
4.0
10
12
6.0
8.0
10
12
100
j
T =25 C
j
T =25 C



Html Pages

1 2