전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9556 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 PCA9556
상세설명  Octal SMBus and I2C registered interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9556 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button PCA9556_02 Datasheet HTML 5Page - NXP Semiconductors PCA9556_02 Datasheet HTML 6Page - NXP Semiconductors PCA9556_02 Datasheet HTML 7Page - NXP Semiconductors PCA9556_02 Datasheet HTML 8Page - NXP Semiconductors PCA9556_02 Datasheet HTML 9Page - NXP Semiconductors PCA9556_02 Datasheet HTML 10Page - NXP Semiconductors PCA9556_02 Datasheet HTML 11Page - NXP Semiconductors PCA9556_02 Datasheet HTML 12Page - NXP Semiconductors PCA9556_02 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product data
PCA9556
Octal SMBus and I2C registered interface
2002 Mar 28
9
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
+6
V
VI
Input voltage
VSS – 0.5
VDD + 0.5
V
II
DC input current
—
± 20
mA
VI/O
DC voltage on an I/O as an input other than I/O0
VSS – 0.5
VDD + 0.5
V
VI/O0
DC voltage on I/O0 as an input
VSS – 0.5
4.6
V
I /O
DC input current on I/O0
—
+400
µA
II/O0
DC input current on I/O0
—
–20
mA
II/O
DC output current on an I/O
—
± 20
mA
Ptot
Total power dissipation
—
—
mW
PO
Power dissipation per output
—
—
mW
Tstg
Storage temperature range
–65
+150
°C
Tamb
Operating ambient temperature
–40
+85
°C
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under ”
Handling MOS devices”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13