| 전자부품 데이터시트 검색엔진 |
|
PCF8578H 데이터시트(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8578H 데이터시트(HTML) 21 Page - NXP Semiconductors |
|
21 / 48 page ![]() 2003 Apr 14 21 Philips Semiconductors Product specification LCD row/column driver for dot matrix graphic displays PCF8578 8.1 Command decoder The command decoder identifies command bytes that arrive on the I2C-bus. The most-significant bit of a command is the continuation bit C (see Fig.14). When this bit is set, it indicates that the next byte to be transferred will also be a command. If the bit is reset, it indicates the conclusion of the command transfer. Further bytes will be regarded as display data. Commands are transferred in WRITE mode only. The five commands available to the PCF8578 are defined in Tables 5 and 6. Fig.14 General information of command byte. MSA833 REST OF OPCODE C MSB LSB C = 0; last command. C = 1; commands continue. Table 5 Summary of commands Note 1. C = command continuation bit. D = may be a logic 1 or 0. COMMAND OPCODE(1) DESCRIPTION SET MODE C 1 0 D D D D D multiplex rate, display status, system type SET START BANK C 1 1 1 1 1 D D defines bank at top of LCD DEVICE SELECT C 1 1 0 D D D D defines device subaddress RAM ACCESS C 1 1 1 D D D D graphic mode, bank select (D D D D ≥ 12 is not allowed; see SET START BANK opcode) LOAD X-ADDRESS C 0 D D D D D D 0 to 39 |