| 전자부품 데이터시트 검색엔진 |
|
L6227Q 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6227Q 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 27 page ![]() L6227Q Circuit description 17/27 Figure 15. Overcurrent protection waveforms Figure 16. tDISABLE versus CEN and REN (VDD = 5 V) ISOVER IOUT Vth(ON) Vth(OFF) VEN(LOW) VDD tOCD(ON) tD(ON)EN tEN(FALL) tEN(RISE) tDISABLE tDELAY tOCD(OFF) tD(OFF)EN VEN BRIDGE ON OFF OCD ON OFF D02IN1400 1 1 0 100 1 10 10 0 1 .10 3 C EN [n F ] R EN = 2 2 0 k Ω R EN = 1 0 0 k Ω R EN = 4 7 k Ω R EN = 3 3 k Ω R EN = 1 0 k Ω 1 1 0 100 1 10 10 0 1 .10 3 C EN [n F ] R EN = 2 2 0 k Ω R EN = 1 0 0 k Ω R EN = 4 7 k Ω R EN = 3 3 k Ω R EN = 1 0 k Ω |