전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6738 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 L6738
상세설명  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 24Page - STMicroelectronics L6738 Datasheet HTML 25Page - STMicroelectronics L6738 Datasheet HTML 26Page - STMicroelectronics L6738 Datasheet HTML 27Page - STMicroelectronics L6738 Datasheet HTML 28Page - STMicroelectronics L6738 Datasheet HTML 29Page - STMicroelectronics L6738 Datasheet HTML 30Page - STMicroelectronics L6738 Datasheet HTML 31Page - STMicroelectronics L6738 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Package mechanical data
L6738
30/32
Doc ID 18133 Rev 1
Figure 14.
VFQFPN16 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
VFQFPN-16 (3x3x1.0mm)
Very Fine Quad Flat Package No lead
0.80
0.90
1.00
31.49
35.43
39.37
A1
0.02
0.05
0.78
1.96
A2
0.65
1.00
25.59
39.37
A3
0.20
7.87
b
0.18
0.25
0.30
7.08
9.84
11.81
D
2.85
3.00
3.15
112.2
118.1
124.0
D1
1.50
59.05
D2
1.60
62.99
E
2.85
3.00
3.15
112.2
118.1
124.0
E1
1.50
59.05
E2
1.60
62.99
e
0.45
0.50
0.55
17.71
19.68
21.65
L
0.30
0.40
0.50
11.81
15.74
19.68
ddd
0.08
3.15
1.45
1.45
57.08
57.08
1.75
1.75
68.89
68.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32