| 전자부품 데이터시트 검색엔진 |
|
SC1101 데이터시트(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1101 데이터시트(HTML) 1 Page - Semtech Corporation |
|
1 / 8 page ![]() SC1101 © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 VOLTAGE MODE PWM CONTROLLER February 29, 2000 1 BLOCK DIAGRAM Pentium is a registered trademark of Intel Corporation PIN CONFIGURATION 1 2 3 4 5 6 7 8 BST DH GND GND Vcc Cs(+) Cs(-) FB Top View (8 LEAD PLASTIC SOIC) DESCRIPTION The SC1101 is a versatile, low-cost, voltage-mode PWM controller designed for use in single ended DC/ DC power supply applications. A simple, fixed-voltage buck regulator can be implemented using the SC1101 with a minimum of external components. Internal level shift and drive circuitry eliminates the need for an ex- pensive p-channel, high-side switch. The small device footprint allows for compact circuit design. SC1101 features include a temperature compensated voltage reference, triangle wave oscillator, current limit comparator, frequency shift over-current protection, and an internally compensated error amplifier. Pulse by pulse current limiting is implemented by sensing the differential voltage across an external resistor, or an appropriately sized PC board trace. The SC1101 operates at a fixed frequency of 200kHz, providing an optimum compromise between efficiency, external component size, and cost. FEATURES • Low cost / small size • Switch mode efficiency (90%) • 1% reference voltage accuracy • Over current protection • 500mA output drive • SO-8 package APPLICATIONS • Pentium® P55 Core Supply • Low Cost Microprocessor Supplies • Peripheral Card Supplies • Industrial Power Supplies • High Density DC/DC Conversion TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com ORDERING INFORMATION DEVICE (1) PACKAGE TEMP RANGE (T J) SC1101CS SO-8 0° to 125°C Note: (1) Add suffix ‘TR’ for tape and reel. |
유사한 부품 번호 - SC1101 |
|
유사한 설명 - SC1101 |