전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F412IPM 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F412IPM
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F412IPM 데이터시트(HTML) 17 Page - Texas Instruments

Back Button MSP430F412IPM Datasheet HTML 13Page - Texas Instruments MSP430F412IPM Datasheet HTML 14Page - Texas Instruments MSP430F412IPM Datasheet HTML 15Page - Texas Instruments MSP430F412IPM Datasheet HTML 16Page - Texas Instruments MSP430F412IPM Datasheet HTML 17Page - Texas Instruments MSP430F412IPM Datasheet HTML 18Page - Texas Instruments MSP430F412IPM Datasheet HTML 19Page - Texas Instruments MSP430F412IPM Datasheet HTML 20Page - Texas Instruments MSP430F412IPM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Timer1_A5 (MSP430x415 and MSP430x417 only)
Timer1_A5 is a 16-bit timer/counter with five capture/compare registers. Timer1_A5 can support multiple
capture/compares, PWM outputs, and interval timing. Timer1_A5 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
TIMER1_A5 SIGNAL CONNECTIONS
INPUT PIN
NUMBER
DEVICE INPUT
SIGNAL
MODULE INPUT
NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
OUTPUT PIN
NUMBER
32 - P2.5
TA1CLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
32 - P2.5
TA1CLK
INCLK
49 - P1.4
TA1.0
CCI0A
49 - P1.4
50 - P1.3
TA1.0
CCI0B
CCR0
TA1 0
DVSS
GND
CCR0
TA1.0
DVCC
VCC
44 - P2.1
TA1.1
CCI1A
44 - P2.1
CAOUT (internal)
CCI1B
CCR1
TA1 1
DVSS
GND
CCR1
TA1.1
DVCC
VCC
35 - P2.2
TA1.2
CCI2A
35 - P2.2
Not Connected
CCI2B
CCR2
TA1 2
DVSS
GND
CCR2
TA1.2
DVCC
VCC
34 - P2.3
TA1.3
CCI3A
34 - P2.3
Not Connected
CCI3B
CCR3
TA1 3
DVSS
GND
CCR3
TA1.3
DVCC
VCC
33 - P2.4
TA1.4
CCI4A
33 - P2.4
Not Connected
CCI4B
CCR4
TA1 4
DVSS
GND
CCR4
TA1.4
DVCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64