| 전자부품 데이터시트 검색엔진 |
|
TMX320LC2401AVFS 데이터시트(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320LC2401AVFS 데이터시트(HTML) 82 Page - Texas Instruments |
|
82 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 82 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 peripheral register description (continued) Table 16. Lx2401A DSP Peripheral Register Description (Continued) ADDR BIT 15 BIT 14 BIT 13 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 REG ADDR BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 REG ANALOG-TO-DIGITAL CONVERTER (ADC) REGISTERS 070A0h — ADC S/W RESET SOFT FREE ACQ PRESCALE3 ACQ PRESCALE2 ACQ PRESCALE1 ACQ PRESCALE0 ADCCTRL1 070A0h CONV PRE- SCALE (CPS) CONTIN- UOUS RUN INT PRIORITY SEQ1/2 CASCADE — — — — ADCCTRL1 070A1h EVB SOC EN SEQ1 Reset SEQ1 SOC SEQ1 SEQ1 BUSY INT ENA SEQ1 Mode1 INT ENA SEQ1 Mode0 INT FLAG SEQ1 EVA SOC EN SEQ1 ADCCTRL2 070A1h EXT SOC EN SEQ1 Reset SEQ2 SOC SEQ2 SEQ2 BUSY INT ENA SEQ2 Mode1 INT ENA SEQ2 Mode0 INT FLAG SEQ2 EVB SOC EN SEQ2 ADCCTRL2 — — — — — — — — 070A2h — MAXCONV2 2 MAXCONV2 1 MAXCONV2 0 MAXCONV1 3 MAXCONV1 2 MAXCONV1 1 MAXCONV1 0 MAXCONV 070A3h CONV 3 CONV 3 CONV 3 CONV 3 CONV 2 CONV 2 CONV 2 CONV 2 CHSELSEQ1 070A3h CONV 1 CONV 1 CONV 1 CONV 1 CONV 0 CONV 0 CONV 0 CONV 0 CHSELSEQ1 070A4h CONV 7 CONV 7 CONV 7 CONV 7 CONV 6 CONV 6 CONV 6 CONV 6 CHSELSEQ2 070A4h CONV 5 CONV 5 CONV 5 CONV 5 CONV 4 CONV 4 CONV 4 CONV 4 CHSELSEQ2 070A5h CONV 11 CONV 11 CONV 11 CONV 11 CONV 10 CONV 10 CONV 10 CONV 10 CHSELSEQ3 070A5h CONV 9 CONV 9 CONV 9 CONV 9 CONV 8 CONV 8 CONV 8 CONV 8 CHSELSEQ3 070A6h CONV 15 CONV 15 CONV 15 CONV 15 CONV 14 CONV 14 CONV 14 CONV 14 CHSELSEQ4 070A6h CONV 13 CONV 13 CONV 13 CONV 13 CONV 12 CONV 12 CONV 12 CONV 12 CHSELSEQ4 — — — — SEQ CNTR3 SEQ CNTR2 SEQ CNTR1 SEQ CNTR0 070A7h SEQ2 STATE 3 SEQ2 STATE 2 SEQ2 STATE 1 SEQ2 STATE 0 SEQ1 STATE 3 SEQ1 STATE 2 SEQ1 STATE 1 SEQ1 STATE 0 AUTO_SEQ_SR 070A8h D9 D8 D7 D6 D5 D4 D3 D2 RESULT0 070A8h D1 D0 0 0 0 0 0 0 RESULT0 070A9h D9 D8 D7 D6 D5 D4 D3 D2 RESULT1 070A9h D1 D0 0 0 0 0 0 0 RESULT1 070AAh D9 D8 D7 D6 D5 D4 D3 D2 RESULT2 070AAh D1 D0 0 0 0 0 0 0 RESULT2 070ABh D9 D8 D7 D6 D5 D4 D3 D2 RESULT3 070ABh D1 D0 0 0 0 0 0 0 RESULT3 070ACh D9 D8 D7 D6 D5 D4 D3 D2 RESULT4 070ACh D1 D0 0 0 0 0 0 0 RESULT4 070ADh D9 D8 D7 D6 D5 D4 D3 D2 RESULT5 070ADh D1 D0 0 0 0 0 0 0 RESULT5 070AEh D9 D8 D7 D6 D5 D4 D3 D2 RESULT6 070AEh D1 D0 0 0 0 0 00 0 RESULT6 070AFh D9 D8 D7 D6 D5 D4 D3 D2 RESULT7 070AFh D1 D0 0 0 0 0 0 0 RESULT7 These bits are not applicable in the Lx2401A since either (i) the peripheral functionality is absent or (ii) the cor- responding pins have not been bonded out of the device. |