| 전자부품 데이터시트 검색엔진 |
|
SC1155CSW.TR 데이터시트(PDF) 12 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1155CSW.TR 데이터시트(HTML) 12 Page - Semtech Corporation |
|
12 / 19 page ![]() SC1155 PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE © 2000 SEMTECH CORP. PRELIMINARY - August 7, 2000 12 NOTE: (1) If the VID bits are set to 11111, then the high-side and the low-side driver outputs will be set low, turning both MOSFETs off, and the controller will be set to a low-Iq state. OUTPUT VOLTAGE TABLE 0 = VSS; 1 = OPEN VID4 VID3 VID2 VID1 VID0 VDC (V) 1 1 1 1 1 Output Off 1 1 1101.1 1 1 1 0 1 1.125 1 1 1 0 0 1.15 1 1 0 1 1 1.175 1 1 0101.2 1 1 0 0 1 1.225 1 1 0 0 0 1.250 1 0 1 1 1 1.275 1 0 1101.3 1 0 1 0 1 1.325 1 0 1 0 0 1.35 1 0 0 1 1 1.375 1 0 0101.4 1 0 0 0 1 1.425 1 0 0 0 0 1.45 0 1 1 1 1 1.475 0 1 1101.5 0 1 1 0 1 1.525 0 1 1 0 0 1.55 0 1 0 1 1 1.575 0 1 0101.6 0 1 0 0 1 1.625 0 1 0 0 0 1.65 0 0 1 1 1 1.675 0 0 1101.7 0 0 1 0 1 1.725 0 0 1 0 0 1.75 0 0 0 1 1 1.775 0 0 0101.8 0 0 0 0 1 1.825 0 0 0 0 0 1.85 |