| 전자부품 데이터시트 검색엔진 |
|
TMP320LF2401AVFS 데이터시트(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LF2401AVFS 데이터시트(HTML) 63 Page - Texas Instruments |
|
63 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 63 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PARAMETER MEASUREMENT INFORMATION timing parameter symbology Timing parameter symbols used are created in accordance with JEDEC Standard 100. To shorten the symbols, some of the pin names and other related terminology have been abbreviated as follows: CI XTAL1 CO CLKOUT RS RESET pin RS INT XINT1, XINT2 Lowercase subscripts and their meanings: Letters and symbols and their meanings: a access time H High c cycle time (period) L Low d delay time V Valid f fall time X Unknown, changing, or don’t care level h hold time Z High impedance r rise time su setup time t transition time v valid time w pulse duration (width) general notes on timing parameters All output signals from the 2401A device (including CLKOUT) are derived from an internal clock such that all output transitions for a given half-cycle occur with a minimum of skewing relative to each other. The signal combinations shown in the following timing diagrams may not necessarily represent actual cycles. For actual cycle examples, refer to the appropriate cycle description section of this data sheet. |