| 전자부품 데이터시트 검색엔진 |
|
SC1566IM 데이터시트(PDF) 7 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1566IM 데이터시트(HTML) 7 Page - Semtech Corporation |
|
7 / 9 page ![]() 7 ã 2001 Semtech Corp. www.semtech.com SC1566 POWER MANAGEMENT ( ) () W / C 33 R therefore , W / C 0 R and W / C 3 R W / C 36 81 . 1 85 150 P T T R ) MAX )( A S ( TH ) S C ( TH ) MAX )( C J ( TH ) MAX ( D ) MAX ( A ) MAX ( J ) MAX )( A J ( TH ° = ° = ° = ° = − = − = − − − − Applications Information (Cont.) This should be achievable for the TO-263 package using pcb copper area to aid in conducting the heat away from the device, such as a large (~2 squ. inch) pad connected to the tab of the device. Internal ground/power planes and air flow will also assist in removing heat. For higher power dissipations it may be necessary to use a small heatsink and the TO-220 package. Outline Drawing - T0-263-3 Minimum Land Pattern - TO-263-3 |