| 전자부품 데이터시트 검색엔진 |
|
88NXXL-AD4-R 데이터시트(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
88NXXL-AD4-R 데이터시트(HTML) 7 Page - Unisonic Technologies |
|
7 / 8 page ![]() 88NXX Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 8 www.unisonic.com.tw QW-R502-368.c ELECTRICAL CHARACTERISTICS(Cont.) (Ta=25°C unless otherwise specified) Detection Voltage: 3.3V PARAMETER SYMBOL TEST CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Detection Voltage (Note 1) -VDET 1 -VDET(S) ×0.98 -VDET(S) -VDET(S) ×1.02 V Hysteresis Width VHYS 1 -VDET ×0.03 -VDET ×0.05 -VDET ×0.08 V Current Consumption ISS 2 VDD=4.5V 5 μA Operating Voltage VDD 1 0.95 10.0 V Output Current IOUT 3 Output transistor Nch, VDS=0.5V, VDD=2.4V 2.88 4.98 mA Leakage Current ILEAK 3 Output transistor Nch, VDS=10V, VDD=10V 0.1 μA Detection Voltage Temperature Coefficient (Note 2) DET DET V - × Ta Δ V - Δ 1 Ta=-40°C ~ +85°C ±100 ±350 ppm/°C Delay Time tD 4 VDD=4.5V, CD=4.7 nF 12 27 ms Note: 1. -VDET: Actual detection voltage -VDET(S): Specified detection voltage 2. The temperature change ratio in the detection voltage [mV/°C] is calculated by using the following equation: 1000 ÷ ] C ° / ppm [ -V × Ta Δ V - Δ × ] V .)[ Typ ( -V = C] ° [mV/ Ta Δ V - Δ ) 3 ( DET DET ) 2 ( DET (1) DET (1) Temperature change ratio of the detection voltage (2) Specified detection voltage (3) Detection voltage temperature coefficient |