| 전자부품 데이터시트 검색엔진 |
|
UC3383G-XX-AB3-R 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3383G-XX-AB3-R 데이터시트(HTML) 3 Page - Unisonic Technologies |
|
3 / 15 page ![]() UC3383 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 15 www.unisonic.com.tw QW-R502-032,H BLOCK DIAGRAM 2step PFM Control OSC100/180 kHz Chip Enable Buffer VLx limiter VREF + - + - VOUT VDD CE Vss Lx UTC UC3383 (VDD is internally connected to the VOUT pin.) Note: The CE pin is only used with the 5-Lead Package. ~5mV |