| 전자부품 데이터시트 검색엔진 |
|
SC431 데이터시트(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC431 데이터시트(HTML) 2 Page - Semtech Corporation |
|
2 / 6 page ![]() SC431 © 1998 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 ADJUSTABLE SHUNT REGULATOR April 13, 1998 2 Parameter Symbol Maximum Units Cathode Voltage V Z 37 V Continous Cathode Current I Z 150 mA Reference Input Current I REF 10 mA Operating Junction Temperature Range T J -40 to +150 °C Storage Temperature Range T STG -65 to +150 °C Thermal Resistance TO-92 SO-8 SOT-23 θ JA 160 175 410 °C/W Power Dissipation at T A = 25°C TO-92 SO-8 SOT-23 P D 0.78 0.71 0.30 W Lead Temperature (Soldering) 10 seconds T LEAD 260 °C ABSOLUTE MAXIMUM RATINGS PACKAGE TOLERANCE 0.5% 1.0% 2.0% T/R Quantity SO-8 (1) SC431CS - .5 SC431CS - 1 SC431CS - 2 2.5K SOT-23 (1) SC431CSK - .5 SC431CSK - 1 SC431CSK - 2 3K TO-92 (1)(2) SC431CZ - .5 SC431CZ - 1 SC431CZ - 2 TR=3K, TA=2K Notes: (1) Add suffix ‘TR’ for Tape & Reel. (2) Add suffix ‘TA’ for Tape Ammo. ORDERING INFORMATION |