전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC992LP5E 데이터시트(PDF) 2 Page - Hittite Microwave Corporation

부품명 HMC992LP5E
상세설명  IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC992LP5E 데이터시트(HTML) 2 Page - Hittite Microwave Corporation

  HMC992LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
8
8 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC992LP5E
v01.0811
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Parameter
Frequency
Min.
Typ.
Max.
Units
Output Third Order Intercept Point
(Two-Tone Output Power= 0 dBm Each Tone) (VCTRL = 0V)
0.1 GHz
0.3 GHz
0.5 GHz
0.8 GHz
42
44
39
35
dBm
dBm
Output Power for 1dB Compression (VCTRL = 0V)
0.1 GHz
0.3 GHz
0.5 GHz
0.8 GHz
18.5
18.9
19
18.8
dBm
dBm
Noise Figure (VCTRL = 0V)
6
dB
Supply Current (Idd)
215
mA
Power Detector
Typ.
Typ.
Typ.
Units
Input Frequency
100
500
900
MHz
±3 dB Dynamic Range
61
61
62
dB
DETOUT Slope
17.2
17.2
17.1
mV/dB
DETOUT Intercept
-68.1
-68.6
-68.9
dBm
Veriation of DETOUT with
Temperature from -40°C to +85°C @20dBm Input
-1.3
-1.2
-1.2
dB
[1] Unless otherwise noted, test conditions: ATTN1 + ATTN2 + AMP1 + AMP2 in cascade.
Electrical Specifications (continued),
T
A = +25° C, 50 Ohm System, Vdd = ATTN1Vdd = ATTN2Vdd = DETVDD = +5V
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com