전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G98 데이터시트(PDF) 13 Page - Diodes Incorporated

부품명 74LVC1G98
상세설명  CONFIGURABLE MULTIPLE-FUNCTION GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G98 데이터시트(HTML) 13 Page - Diodes Incorporated

Back Button 74LVC1G98 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 13Page - Diodes Incorporated 74LVC1G98 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
74LVC1G98
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G98
Document number: DS35128 Rev. 3 - 2
13 of 14
www.diodes.com
July 2011
© Diodes Incorporated
(3) Package Type: DFN1010
Bottom View
Side View
6x-
0.05 C
0.08 C
C
Seating Plane
A
0.95/1.05
0.07Typ.
0.08 C
2x-
0.14/0.20(6x)
0.35Typ.
B
0.07
C AB
Pin1
Top View
Land Pattern Recommendation
(unit:mm)
Pin1
0.35Typ.
0.20(6x)
0.235
(4) Package Type DFN1410
Bottom View
Side View
1.35/1.45
0.50Typ.
(Pin #1 ID)
0.10 C
0.08 C
Seating Plane
A
B
C
0.10
C AB
2X-
0.25 B
0.10(4x)
6x-
6x-0.15/0.25
C0
.1x
45¢
X
Top View
(mm)
Land Pattern Recommendation
6x-0.25
4x-0.50Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14