| 전자부품 데이터시트 검색엔진 |
|
MAX15053_1107 데이터시트(PDF) 7 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX15053_1107 데이터시트(HTML) 7 Page - Maxim Integrated Products |
|
7 / 21 page ![]() High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator _______________________________________________________________________________________ 7 Typical Operating Characteristics (continued) (VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.) STARTING INTO A PREBIASED OUTPUT (IOUT = 2A) MAX15053 toc19 VENABLE 5V/div VOUT 1V/div VPGOOD 5V/div ILX 1A/div 200 µs/div PWM MODE STARTING INTO A PREBIASED OUTPUT HIGHER THAN SET OUTPUT MAX15053 toc21 VOUT 500mV/div VSS/REFIN 500mV/div IL 1A/div 400 µs/div 1.8V 10I LOAD AT OUT STARTING INTO A PREBIASED OUTPUT MAX15053 toc20b VENABLE 5V/div VOUT 1V/div VPGOOD 5V/div ILX 1A/div 200 µs/div STARTING INTO A PREBIASED OUTPUT (NO LOAD) MAX15053 toc20a VENABLE 5V/div VOUT 1V/div VPGOOD 5V/div ILX 1A/div 200 µs/div PWM MODE SOFT-START WAVEFORMS (EXTERNAL REFIN) (SKIP MODE) MAX15053 toc18b VSS/REFIN 500mV/div VOUT 1V/div VPGOOD 5V/div ILX 1A/div 200 µs/div NO LOAD SOFT-START WAVEFORMS (EXTERNAL REFIN) (PWM MODE) MAX15053 toc18a VSS/REFIN 500mV/div VOUT 1V/div VPGOOD 5V/div ILX 1A/div 200 µs/div NO LOAD |