전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8530-ASOT-002 데이터시트(PDF) 28 Page - ams AG

부품명 AS8530-ASOT-002
상세설명  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT-002 데이터시트(HTML) 28 Page - ams AG

Back Button AS8530-ASOT-002 Datasheet HTML 24Page - ams AG AS8530-ASOT-002 Datasheet HTML 25Page - ams AG AS8530-ASOT-002 Datasheet HTML 26Page - ams AG AS8530-ASOT-002 Datasheet HTML 27Page - ams AG AS8530-ASOT-002 Datasheet HTML 28Page - ams AG AS8530-ASOT-002 Datasheet HTML 29Page - ams AG AS8530-ASOT-002 Datasheet HTML 30Page - ams AG AS8530-ASOT-002 Datasheet HTML 31Page - ams AG AS8530-ASOT-002 Datasheet HTML 32Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 1.0
28 - 32
AS8530
Datasheet - Pack a ge Drawin gs and Ma r k ings
9 Package Drawings and Markings
The device is available in a ep-SOIC8 package.
Figure 20. Drawings and Dimensions
AS8530*
YYWWIZZ
* The device marking for the VCC=5V option will change to AS85305.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32