전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP1A21 데이터시트(PDF) 4 Page - Sharp Corporation

부품명 GP1A21
상세설명  OPIC Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A21 데이터시트(HTML) 4 Page - Sharp Corporation

  GP1A21 Datasheet HTML 1Page - Sharp Corporation GP1A21 Datasheet HTML 2Page - Sharp Corporation GP1A21 Datasheet HTML 3Page - Sharp Corporation GP1A21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
s Precautions for Use
marking portion.
In this case use only the following type of cleaning solvent used for wiping off:
When the cleaning solvents except for specified materials are used, please consult us.
GP1A21
inside the case; therefore,dip cleaning or ultrasonic cleaning are prohibited.
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol.
between Vcc and GND near the device.
( 1) In this product, the PWB is fixed with a resin cover, and cleaning solvent may remain
( 2) Remove dust or stains, using anair blower or soft cloth moistened in cleaning solvent.
( 3) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01
µ F
( 4) As for other general cautions, refer to the chapter “Precautions for Use .
”
However, do not perform the above cleaning using a soft cloth with cleaning solvevt in the



Html Pages

1 2 3 4