전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SS136 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 1SS136
상세설명  High Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS136 데이터시트(HTML) 1 Page - Micro Commercial Components

  1SS136_11 Datasheet HTML 1Page - Micro Commercial Components 1SS136_11 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS136
High Speed
Switching Diode
Features
High reliability.
High speed. (trr=2.0ns Max.)
Silicon epitaxial planar
Absolute maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Peak Reverse Voltage
75
V
VR
DC Reverse Voltage
65
V
IFM
Peak Forward Current
600
mA
IO
Mean Rectifying Current
200
mA
Isurge
Surge Current (1us)
4.0
A
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VF
Forward Voltage
(IF=100mAdc)
---
1.0
Vdc
IR
Reverse Current
(VR=65Vdc)
---
0.5
uAdc
CT
Capacitance Between Terminals
(VR=0, f=1.0MHz)
---
3.0
pF
trr
Reverse Recovery Time
(VR=6.0Vdc, IF=10mAdc)
---
2.0
ns
Revision: A
2011/01/01
4





 
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.094
.118
2.40
3.00
B
.063
.079
1.60
2.00
C
.012
.020
0.30
0.50
D
1.102
1.181
28.00
30.00
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 2
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


유사한 부품 번호 - 1SS136_11

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
1SS136 MCC-1SS136 Datasheet
283Kb / 2P
High Speed Switching Diode
logo
SUNMATE electronic Co.,...
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
More results

유사한 설명 - 1SS136_11

제조업체부품명데이터시트상세설명
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com