전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS456 데이터시트(PDF) 3 Page - Sharp Corporation

부품명 IS456
상세설명  High Speed Response Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS456 데이터시트(HTML) 3 Page - Sharp Corporation

  IS456 Datasheet HTML 1Page - Sharp Corporation IS456 Datasheet HTML 2Page - Sharp Corporation IS456 Datasheet HTML 3Page - Sharp Corporation IS456 Datasheet HTML 4Page - Sharp Corporation IS456 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IS456
I CCH
0.2
tPLH
250
200
150
50
100
R L= 510Ω
I CCL
2.5
2.0
1.5
1.0
0
0
Incident light intensity PI ( mW )
0.5
6
4
0
-25
2
25
50
75
100
01234567
10
20
50
100
200
500
0
4
200
50
100
150
5678
R O = 5.1kΩ
3
500
400
300
200
6
5
4
3
2
1
100
0
0
80
140
120
0
-25
25
50
75
100
0
80
t PLH
t PHL
V CC= 5.0V
0
Fig. 5 Supply Current vs.
Ambient Temperature
Gain resistance R O (k Ω)
V CC=5V
T a= 25˚C
Intensity vs. Ambient Temperature
V CC = 5.0V
R O = 5.1kΩ
Fig. 8 “High
→Low” Threshold Incident Light
Intensity vs. Supply Voltage
Supply voltage V CC ( V)
Fig. 9 Propagation Delay Time vs.
RO : Dotted line
V CC= 5.0V
tPHL
Fig.10 Propagation Delay Time vs.
Gain Resistance
RO
Fig. 6 “ High
→Low” Threshold Incident Light
Intensity vs. Gain Resistanse
Incident Light Intensity
Ambient temperature T a ( ˚C)
Ambient temperature Ta ( ˚C)
Fig. 7 “ High
→Low” Threshold Incident Light
Ta = 25˚C
Ta= 25˚C
Gain resistance RO ( kΩ)
VCC = 5V, P I= 0.6mW
RL= 510kΩ , T a= 25˚C
2000
1000



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com