전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS457 데이터시트(PDF) 1 Page - Sharp Corporation

부품명 IS457
상세설명  High Speed Response Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS457 데이터시트(HTML) 1 Page - Sharp Corporation

  IS457 Datasheet HTML 1Page - Sharp Corporation IS457 Datasheet HTML 2Page - Sharp Corporation IS457 Datasheet HTML 3Page - Sharp Corporation IS457 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Speed Response Type
OPIC Light Detector
Features
Outline Dimensions
Applications
Absolute Maximum Ratings
*1 For 1 minute
(Unit : mm)
(Ta=25˚C)
*3 Max. allowable incident light intensity and radiant intensity of laser beams (
λ =780 nm) to the detector
* OPIC (Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of
a light-detecting element and signal-processing circuit integrated onto a single chip.
IS457
IS457
2. Pattern with semiconductor laser spot positional deviation
taken into consideration
3. Open collector output
4. Angle adjustment by means of outer mounting resistance
1. Laser beam printers
4.4 ± 0.1
0.25
10˚
10˚
10˚
10˚
1
2
3
4
4
1
2
3
3 GND
(R0.2)
2.75 ±0.2
2.7
+ 0.5
- 0
2.7
+0.5
- 0
0.8
+ 0.2
- 0.4
4.4 ± 0.1
5.0 ±0.1
VREF
1 RO
2 VO
4 VCC
Soldering area
Soldering area
Detector
center
Internal connection diagram
Gain resistance (Ro)
(Outer mounting)
(Detector size : 0.5mm x 3.0mm )
*2 For 3 seconds at the position shown in the right drawing
1. High speed response type (t PHL: TYP. 300ns )
Parameter
Symbol
Rating
Unit
*1 Supply voltage
VCC
- 0.5 to + 7
V
High level output voltage
V OH
7V
Low level output voltage
IOL
40
mA
Operating temperature
T opr
-25 to + 80
˚C
Storage temperature
T stg
-40 to + 85
˚C
*2 Soldering temperature
T sol
260
˚C
Total power dissipation
P
150
mW
PRO
24
mW
*3 Incident light intensity
PI
5mW
*3 Radiant intensity
Ee
60
W/cm2
Ro terminal dissipation
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


유사한 부품 번호 - IS457

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
IS450 SHARP-IS450 Datasheet
490Kb / 5P
OPIC LIGHT DETECTOR WITH BULLT-IN SIGNAL PROCESSING CIRCULT FOR LIGHT MODULATION SYSTEM
logo
List of Unclassifed Man...
IS452 ETC-IS452 Datasheet
668Kb / 6P
HIGH DENSITY MOUNTING HIGH VOLTAGE DARLINGTON OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
Computer terminals
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS455 SHARP-IS455 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
More results

유사한 설명 - IS457

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS456 SHARP-IS456 Datasheet
65Kb / 5P
High Speed Response Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
IS437 SHARP-IS437 Datasheet
139Kb / 4P
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com