전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFS1900A-LF 데이터시트(PDF) 2 Page - Z-Communications, Inc

부품명 SFS1900A-LF
상세설명  Fixed Frequency Synthesizer Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZCOMM [Z-Communications, Inc]
홈페이지  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SFS1900A-LF 데이터시트(HTML) 2 Page - Z-Communications, Inc

  SFS1900A-LF Datasheet HTML 1Page - Z-Communications, Inc SFS1900A-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Footprint
Fixed Frequency Synthesizer
Surface Mount Module
SFS1900A-LF
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
RECOMMENDED FOOTPRINT
Physical Dimensions
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
1
Vcc (VCO)
3
RF OUT
5
MUX OUT
SFS PIN CONFIGURATION
REST GROUND
6
Vcc (CHIP)
10
REF IN
1
Vcc (VCO)
3
RF OUT
5
MUX OUT
REST GROUND
6
Vcc (CHIP)
7
CLOCK
8
DATA
9
ENABLE
10
REF IN
PVA PIN CONFIGURATION
8
N/C
6
5
4
3
2
1
7
8
9
10
11
12
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Phase Noise, typ.
Page 2 of 2
FRM-S-002 B
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
URL: www.zcomm.com | EMAIL: applications@zcomm.com



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com