전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WML-D12D8WT87P 데이터시트(PDF) 2 Page - Rohm

부품명 WML-D12D8WT87P
상세설명  Original device technology enables high brightness and high reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

WML-D12D8WT87P 데이터시트(HTML) 2 Page - Rohm

  WML-D12D8WT87P Datasheet HTML 1Page - Rohm WML-D12D8WT87P Datasheet HTML 2Page - Rohm WML-D12D8WT87P Datasheet HTML 3Page - Rohm WML-D12D8WT87P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
2.0
1.0
4.0
3.0
Ta=25°C
■ ■SMLD12HBC7W
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
■ ■SMLD12HBC7W
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=5mA
■ ■SMLD12HBC7W
■ ■SMLD12HBC7W
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-D1 Series
100
10
1
FORWARD VOLTAGE:VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
■
■
■
■SML-D12V8W
■SML-D12U8W
■SML-D12Y8W
■SML-D12M8W
■SML-D12P8W
■SML-D12D8W
FORWARD CURRENT:IF (mA)
0
5
10
15
25
20
0
0.2
1.2
1.0
0.8
0.6
0.4
Ta=25°C
■
■
■
■SML-D12V8W
■SML-D12U8W
■SML-D12D8W
■SML-D12Y8W
■SML-D12M8W
■SML-D12P8W
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
■ ■SML-D12V8W
■SML-D12U8W
■SML-D12Y8W
■SML-D12M8W
■SML-D12P8W
■SML-D12D8W
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
■ ■SML-D12V8W
■SML-D12U8W
■SML-D12D8W
■SML-D12Y8W
■SML-D12M8W
■SML-D12P8W
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com