전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QSA 데이터시트(PDF) 2 Page - C&K Components

부품명 QSA
상세설명  Silent Navigation Switch for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

QSA 데이터시트(HTML) 2 Page - C&K Components

  QSA Datasheet HTML 1Page - C&K Components QSA Datasheet HTML 2Page - C&K Components QSA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.8
2.542.542.54 2.54
14.6
17.95
14
8.5
0
8.50
15.6
ø
1.8
ø1.
2
1.2
1.8
12.6
2.54
2.54
2.54 2.54
E
pivotal
point
type
designation
deflection with F=4N
0.1
Z
F
0.4 E
C
C-15
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
7.50
15
11.67
7.5
0
ø 3.5
ø 3.86
ø
1.2
ø1.
6
ø
D
K
2.
2
1.2
ø 1.8
ø1.
2
(4x)
2.54
Z
pivotal point
F
0.2 E
04
deflection with F = 4N
QSA2S H3
QSA Series
Silent Navigation Switch for SMT
QSA4S H1



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com