| 전자부품 데이터시트 검색엔진 |
|
ACT8342 데이터시트(PDF) 17 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8342 데이터시트(HTML) 17 Page - Active-Semi, Inc |
|
17 / 17 page ![]() ACT8342 Rev 3, 11-Sep-09 PACKAGE INFORMATION Innovative PowerTM - 17 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMUTM is a trademark of Active-Semi. Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in life- support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in this datasheet, nor does it convey any patent license. Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@active- semi.com or visit http://www.active-semi.com. For other inquiries, please send to: 1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA PACKAGE OUTLINE TQFN33-16 PACKAGE OUTLINE AND DIMENSIONS D E E1 e SYMBOL DIMENSION IN MILLIMETERS DIMENSION IN INCHES MIN MAX MIN MAX A 0.700 0.800 0.028 0.031 A1 0.000 0.050 0.000 0.002 A3 0.153 D 2.900 3.100 0.114 0.122 E 2.900 3.100 0.114 0.122 D2 1.600 1.800 0.063 0.071 E2 1.600 1.800 0.063 0.071 b 0.180 0.300 0.007 0.012 e 0.500 TYP 0.020 TYP L 0.300 0.500 0.012 0.020 K 0.200 0.400 0.008 0.016 0.006 0.253 0.010 |