| 전자부품 데이터시트 검색엔진 |
|
ACT8796 데이터시트(PDF) 20 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8796 데이터시트(HTML) 20 Page - Active-Semi, Inc |
|
20 / 34 page ![]() STEP-DOWN DC/DC CONVERTERS ACT8796 Rev 2, 16-Nov-09 Innovative PowerTM - 20 - www.active-semi.com Copyright © 2009 Active-Semi, Inc. ActivePMUTM is a trademark of Active-Semi. I2CTM is a trademark of Philips Electronics. Active-Semi REGISTER DESCRIPTIONS CONT’D Table 10: REG3/VSET[ ] Output Voltage Setting REG3/VSET[3:0] REG3/VSET[5:4] REG3/VRANGE[ ] = [0] REG3/VRANGE[ ] = [1] 00 01 10 11 00 01 10 11 0000 N/A N/A 1.455 1.860 1.250 2.050 2.850 3.650 0001 N/A N/A 1.480 1.890 1.300 2.100 2.900 3.700 0010 N/A 1.100 1.505 1.915 1.350 2.150 2.950 3.750 0011 N/A 1.125 1.530 1.940 1.400 2.200 3.000 3.800 0100 N/A 1.150 1.555 1.965 1.450 2.250 3.050 3.850 0101 N/A 1.175 1.585 1.990 1.500 2.300 3.100 3.900 0110 N/A 1.200 1.610 2.015 1.550 2.350 3.150 3.950 0111 N/A 1.225 1.635 2.040 1.600 2.400 3.200 4.000 1000 N/A 1.255 1.660 2.065 1.650 2.450 3.250 4.050 1001 N/A 1.280 1.685 2.090 1.700 2.500 3.300 4.100 1010 N/A 1.305 1.710 2.115 1.750 2.550 3.350 4.150 1011 N/A 1.330 1.735 2.140 1.800 2.600 3.400 4.200 1100 N/A 1.355 1.760 2.165 1.850 2.650 3.450 4.250 1101 N/A 1.380 1.785 2.190 1.900 2.700 3.500 4.300 1110 N/A 1.405 1.810 2.200 1.950 2.750 3.550 4.350 1111 N/A 1.430 1.835 2.245 2.000 2.800 3.600 4.400 (N/A): Not Available |