| 전자부품 데이터시트 검색엔진 |
|
74LVC2G08GD 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G08GD 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 21 page ![]() 74LVC2G08 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 9 — 20 October 2010 6 of 21 NXP Semiconductors 74LVC2G08 Dual 2-input AND gate 10. Static characteristics Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb = −40 °C to +85 °C[1] VIH HIGH-level input voltage VCC = 1.65 V to 1.95 V 0.65 × V CC -- V VCC = 2.3 V to 2.7 V 1.7 - - V VCC = 2.7 V to 3.6 V 2.0 - - V VCC = 4.5 V to 5.5 V 0.7 × V CC -- V VIL LOW-level input voltage VCC = 1.65 V to 1.95 V - - 0.35 × V CC V VCC = 2.3 V to 2.7 V - - 0.7 V VCC = 2.7 V to 3.6 V - - 0.8 V VCC = 4.5 V to 5.5 V - - 0.3 × V CC V VOH HIGH-level output voltage VI =VIH or VIL IO = −100 μA; VCC = 1.65 V to 5.5 V VCC − 0.1 - - V IO = −4 mA; VCC =1.65 V 1.2 1.53 - V IO = −8 mA; VCC = 2.3 V 1.9 2.13 - V IO = −12 mA; VCC = 2.7 V 2.2 2.50 - V IO = −24 mA; VCC = 3.0 V 2.3 2.60 - V IO = −32 mA; VCC = 4.5 V 3.8 4.10 - V VOL LOW-level output voltage VI = VIH or VIL IO = 100 μA; VCC = 1.65 V to 5.5 V - - 0.1 V IO = 4 mA; VCC = 1.65 V - 0.08 0.45 V IO = 8 mA; VCC = 2.3 V - 0.14 0.3 V IO = 12 mA; VCC = 2.7 V - 0.19 0.4 V IO = 24 mA; VCC = 3.0 V - 0.37 0.55 V IO = 32 mA; VCC = 4.5 V - 0.43 0.55 V II input leakage current VI = 5.5 V or GND; VCC =0 V to 5.5 V - ±0.1 ±5 μA IOFF power-off leakage current VI or VO = 5.5 V; VCC = 0 V - ±0.1 ±10 μA ICC supply current VI = 5.5 V or GND; VCC = 1.65Vto 5.5V; IO =0A -0.1 10 μA ΔI CC additional supply current per pin; VI = VCC − 0.6 V; IO = 0 A; VCC = 2.3 V to 5.5 V -5 500 μA Ci input capacitance - 2.5 - pF Tamb = −40 °C to +125 °C VIH HIGH-level input voltage VCC = 1.65 V to 1.95 V 0.65 × V CC -- V VCC = 2.3 V to 2.7 V 1.7 - - V VCC = 2.7 V to 3.6 V 2.0 - - V VCC = 4.5 V to 5.5 V 0.7 × V CC -- V VIL LOW-level input voltage VCC = 1.65 V to 1.95 V - - 0.35 × V CC V VCC = 2.3 V to 2.7 V - - 0.7 V VCC = 2.7 V to 3.6 V - - 0.8 V VCC = 4.5 V to 5.5 V - - 0.3 × V CC V |