전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR130LSF 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 MBR130LSF
상세설명  Low Forward Voltage Drop Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR130LSF 데이터시트(HTML) 2 Page - Micro Commercial Components

  MBR130LSF Datasheet HTML 1Page - Micro Commercial Components MBR130LSF Datasheet HTML 2Page - Micro Commercial Components MBR130LSF Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Commercial Components
MCC
TM
MBR130LSF
www.mccsemi.com
2 of 3
Revision: A
2011/01/01
Figure 1. Typical Forward Voltage
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
0.7
0.3
0.5
0.9
TJ = 85°C
TJ = 125°C
TJ = −40°C
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
10
1000
TJ = 25 °C
100
0.01
0.1
1.0
10
100
T , JUNCTION TEMPERATURE (°C)
Fig. 2 Typical Pulsed Reverse Characteristics@30V
J
20
40
60
80
100
120
140
0



Html Pages

1 2 3