| 전자부품 데이터시트 검색엔진 |
|
2N2221 데이터시트(PDF) 1 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
2N2221 데이터시트(HTML) 1 Page - Seme LAB |
|
|
1 / 1 page ![]() 2N2221 Bipolar NPN Device. V CEO = 30V I C = 0.8A All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications Parameter Test Conditions Min. Typ. Max. Units V CEO* 30 V I C(CONT) 0.8 A h FE @ 10/0.15 (V CE / IC) 40 120 - f t 250M Hz P D 0.5 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 2-Aug-02 TO18 (TO206AA) PINOUTS 1 – Emitter 2 – Base 3 – Collector Bipolar NPN Device in a Hermetically sealed TO18 Metal Package. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Dimensions in mm (inches). 1 3 2 2.54 (0.100) Nom. 0.48 (0.019) 0.41 (0.016) dia. 5.84 (0.230) 5.31 (0.209) 4.95 (0.195) 4.52 (0.178) |
유사한 부품 번호 - 2N2221 |
|
유사한 설명 - 2N2221 |