전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5152 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N5152
상세설명  HIGH SPEED MEDIUM VOLTAGE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5152 데이터시트(HTML) 1 Page - Seme LAB

  2N5152_04 Datasheet HTML 1Page - Seme LAB 2N5152_04 Datasheet HTML 2Page - Seme LAB 2N5152_04 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The 2N5152 and the 2N5154 are silicon
expitaxial planar NPN transistors in jedec
TO-39 metal case intended for use in
switching applications.
The complementary PNP types are the 2N5151
and 2N5153 respectively
2N5154
2N5152
2N5152
2N5154
Document Number 3072
Issue 3
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
HIGH SPEED
MEDIUM VOLTAGE
SWITCHES
VCBO
Collector – Base Voltage (IE = 0)
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Continuous Collector Current
IC(PK)
Peak Collector Current
IB
Base Current
Ptot
Total Dissipation at Tamb = 25°C
Tcase = 50°C
Tcase = 100°C
Tstg
Operating and Storage Temperature Range
Tj
Junction temperature
100V
80V
6V
5A
10A
1A
1W
10W
6.7W
–65 to +200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO-39 (TO-205AD)
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector
ABSOLUTE MAXIMUM RATINGS
(TCASE = 25°C unless otherwise stated)


유사한 부품 번호 - 2N5152_04

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N5152 SEMICOA-2N5152_02 Datasheet
199Kb / 2P
Silicon PNP Transistor
More results

유사한 설명 - 2N5152_04

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5151 SEME-LAB-2N5151 Datasheet
20Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322 Datasheet
19Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5151-220M SEME-LAB-2N5151-220M Datasheet
26Kb / 3P
HIGH SPEED MEDIUM VOLTAGE
2N5154X-220M SEME-LAB-2N5154X-220M Datasheet
26Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XSMD SEME-LAB-2N5154XSMD Datasheet
23Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XX SEME-LAB-2N5154XX Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5151 SEME-LAB-2N5151_01 Datasheet
48Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322_03 Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com