전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDS19 데이터시트(PDF) 2 Page - Seme LAB

부품명 BDS19
상세설명  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS19 데이터시트(HTML) 2 Page - Seme LAB

  BDS19 Datasheet HTML 1Page - Seme LAB BDS19 Datasheet HTML 2Page - Seme LAB BDS19 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
PNP TRANSISTOR
BDS19
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8668
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -10mA
IB = 0
-150
V
ICEO
Collector Cut-Off Current
VCE = -75V
IB = 0
-0.1
mA
ICBO
Collector Cut-Off Current
VCB = -150V
IE = 0
-20
IEBO
Emitter Cut-Off Current
VEB = -5V
IC = 0
-10
µA
IC = -0.5A
VCE = -2V
40
250
hFE
(1)
Forward-current transfer
ratio
IC = -4A
VCE = -2V
15
150
IC = -0.5A
IB = -0.05A
-0.4
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -4A
IB = -0.4A
-1.5
VBE(on)
(1)
Base-Emitter Voltage
IC = -1.0A
VCE = -2V
-1.4
V
DYNAMIC CHARACTERISTICS
IC = -0.5A
VCE = -4V
fT
Transition Frequency
f = 5MHz
10
MHz
IC = -2A
VCC = -80V
ton
Turn-On Time
IB1 = -0.2A
0.5
ts
Storage Time
IC = -2A
VCC = -80V
1.5
tf
Fall Time
IB1 = - IB2 = -0.2A
0.3
µs
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com