전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC136L 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TSC136L
상세설명  High Voltage NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC136L 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC136L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC136L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC136L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC136L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC136L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC136L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC136L
High Voltage NPN Transistor
2/6
Version: B09
Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 10mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
a
IC = 10mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
--
--
V
Collector-Base Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
100
uA
Collector-Emitter Cutoff Current
VCE = 400V, IB = 0
IEBO
--
--
100
uA
IC =0.5A, IB =0.1A
VCE(SAT)1
--
--
0.4
IC =1A, IB =0.25A
VCE(SAT)2
--
--
0.5
Collector-Emitter Saturation Voltage
a
IC =1.5A, IB =0.5A
VCE(SAT)3
--
--
0.6
V
Base-Emitter Saturation Voltage
a
IC =0.5A, IB =0.1A
VBE(SAT)
--
--
1.2
V
VCE =10V, IC =500mA
hFE 1
20
--
40
DC Current Gain
VCE =5V, IC =2A
hFE 2
5
--
--
Frequency
VCE = 10V, IC = 0.5A
fT
4
--
--
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
--
21
--
pF
Turn On Time
tON
--
0.4
--
uS
Storage Time
tSTG
--
2.0
--
uS
Fall Time
VCC = 125V, IC = 1A,
IB1 = 0.2A.
tf
--
0.16
--
uS
Notes:
a. Pulsed duration = 300uS, duty cycle ≤1.5%



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com