전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP7912 데이터시트(PDF) 5 Page - Seme LAB

부품명 IP7912
상세설명  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP7912 데이터시트(HTML) 5 Page - Seme LAB

  IP7912 Datasheet HTML 1Page - Seme LAB IP7912 Datasheet HTML 2Page - Seme LAB IP7912 Datasheet HTML 3Page - Seme LAB IP7912 Datasheet HTML 4Page - Seme LAB IP7912 Datasheet HTML 5Page - Seme LAB IP7912 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number 3725
Issue: 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
GN D
VIN
VOUT
C1 *
2. 2
µF
TA N T .
C2 * *
1
µF
TA N T .
IN PU T
O U T PU T
GN D
VIN
VOUT
C1
2. 2
µF
TA N T .
IN PU T
O U T PU T
R1
R2
C2
1
µF
TA N T .
R1
GN D
VIN
VOUT
C1
2. 2
µF
TA N T .
IN PU T
OU T P U T
I
OUT
C2
1
µF
TA N T .
Fixed Output Regulator
*
Required if the regulator is located far from
the power supply.
** Required for stability. 25
µF electrolytic may
be substituted.
Current Regulator
Adjustable Output Regulator
APPLICATIONS INFORMATION
(R1+R2)
VOUT ≈ VREG
R1
VREG
IOUT =
+ IQ
R1
Order Information
Order Information
Note:
To order, add the package
identifier to the part number.
eg.
IP7905AK
LM120SMD-05
Part
Number
K–Pack
(TO–3)
R–Pack
(TO–66)
G/IG–Pack
(TO–257)
220M–Pack
(TO–220)
SMD
(SMD1)
SMD–05
(SMD 0.5)
IP7905
IP7912
IP7915
IP120-05
IP120-12
IP 120-15
LM7905
LM7912
LM7915
LM120-05
LM120-12
LM120-15
IP120 SERIES
IP7900 SERIES
LM120 SERIES
LM7900 SERIES



Html Pages

1 2 3 4 5 6