전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP78M00LCC4 데이터시트(PDF) 8 Page - Seme LAB

부품명 IP78M00LCC4
상세설명  POSITIVE FIXED VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP78M00LCC4 데이터시트(HTML) 8 Page - Seme LAB

  IP78M00LCC4 Datasheet HTML 1Page - Seme LAB IP78M00LCC4 Datasheet HTML 2Page - Seme LAB IP78M00LCC4 Datasheet HTML 3Page - Seme LAB IP78M00LCC4 Datasheet HTML 4Page - Seme LAB IP78M00LCC4 Datasheet HTML 5Page - Seme LAB IP78M00LCC4 Datasheet HTML 6Page - Seme LAB IP78M00LCC4 Datasheet HTML 7Page - Seme LAB IP78M00LCC4 Datasheet HTML 8Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
POSITIVE FIXED
VOLTAGE REGULATOR
IP140ME/MAE, IP78M00/ALCC4 SERIES
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 2832
Issue 2
Page 8 of 8
APPLICATIONS INFORMATION
REG
GND
VIN
+
0.22uF
Cin
+
VOUT
VIN
VOUT
GND
MECHANICAL DATA
Dimensions in mm (inches)
Fixed Output Regulator
(a)
Cin required if regulator is located an appropriate distance from power supply filter.
(b)
Cout required for stability for given value.
1.39 (0.055)
1.15 (0.045)
0.76 (0.030)
0.51 (0.020)
1.39 (0.055)
1.02 (0.040)
15 16
13
12
14
3
4
5
6
7
17
18
1
2
11
10
8
9
9.14 (0.360)
8.64 (0.340)
1.27 (0.050)
1.07 (0.040)
≈ 2.16 (0.085)
7.62 (0.300)
7.12 (0.280)
1.65 (0.065)
1.40 (0.055)
0.33 (0.013)
0.08 (0.003)
0.43 (0.017)
0.18 (0.007
Rad.
Rad.
LCC4
Underside View
Pads
Connection
Pads 4, 5
VIN
Pads 6, 7, 8, 9, 10, 11, 12, 13
VOUT
Pads 1, 2, 15, 16, 17, 18
GND
Pads 3, 14
No Connection



Html Pages

1 2 3 4 5 6 7 8