전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATSAM3S2BA-MU 데이터시트(PDF) 16 Page - ATMEL Corporation

부품명 ATSAM3S2BA-MU
상세설명  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU 데이터시트(HTML) 16 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 12Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 13Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 14Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 15Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 16Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 17Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 18Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 19Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
16
6500CS–ATARM–24-Jan-11
SAM3S Summary
4.3.1
48-Lead LQFP and QFN Pinout
Note:
The bottom pad of the QFN package must be connected to ground.
Table 4-4.
48-pin SAM3S4/2/1A Pinout
1
ADVREF
13
VDDIO
25
TDI/PB4
37
TDO/TRACESWO/
PB5
2
GND
14
PA16/PGMD4
26
PA6/PGMNOE
38
JTAGSEL
3
PB0/AD4
15
PA15/PGMD3
27
PA5/PGMRDY
39
TMS/SWDIO/PB6
4
PB1/AD5
16
PA14/PGMD2
28
PA4/PGMNCMD
40
TCK/SWCLK/PB7
5
PB2/AD6
17
PA13/PGMD1
29
NRST
41
VDDCORE
6
PB3/AD7
18
VDDCORE
30
TST
42
ERASE/PB12
7
VDDIN
19
PA12/PGMD0
31
PA3
43
DDM/PB10
8
VDDOUT
20
PA11/PGMM3
32
PA2/PGMEN2
44
DDP/PB11
9
PA17/PGMD5/
AD0
21
PA10/PGMM2
33
VDDIO
45
XOUT/PB8
10
PA18/PGMD6/
AD1
22
PA9/PGMM1
34
GND
46
XIN/PB9/PGMCK
11
PA19/PGMD7/
AD2
23
PA8/XOUT32/
PGMM0
35
PA1/PGMEN1
47
VDDIO
12
PA20/AD3
24
PA7/XIN32/
PGMNVALID
36
PA0/PGMEN0
48
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64