전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6470H 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L6470H
상세설명  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 4Page - STMicroelectronics L6470H Datasheet HTML 5Page - STMicroelectronics L6470H Datasheet HTML 6Page - STMicroelectronics L6470H Datasheet HTML 7Page - STMicroelectronics L6470H Datasheet HTML 8Page - STMicroelectronics L6470H Datasheet HTML 9Page - STMicroelectronics L6470H Datasheet HTML 10Page - STMicroelectronics L6470H Datasheet HTML 11Page - STMicroelectronics L6470H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Block diagram
L6470
8/70
Doc ID16737 Rev 4
1
Block diagram
Figure 1.
Block diagram
AM02377v1
3 V
Voltage Reg.
ADC
Ext. Osc. driver
&
Clock gen.
16MHz
Oscillator
Charge
pump
V DD
Control
Logic
Current DACs
&
Comparators
Temperature
sensing
Current
sensing
STBY/RST
FLAG
CS
CK
SDO
SDI
BUSY/SYNC
SW
STCK
DGND
VDD
OSCIN
OSCOUT ADCIN
VREG
CP
VBOOT
AGND
PGND
PGND
VSA
VSA
OUT1A
OUT2A
VSB
VSB
OUT1B
OUT2B
HS A1
LS A1
HS A2
LS A2
HS B1
LS B1
HS B2
LS B2
HS A1
LS A1
HS A2
LS A2
HS B1
LS B1
HS B2
LS B2
V DD
V boot
V boot
V boot
V boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com