전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP1612PW05XTTR 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STP1612PW05XTTR
상세설명  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05XTTR 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STP1612PW05XTTR Datasheet HTML 27Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 28Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 29Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 30Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 31Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 32Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 33Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 34Page - STMicroelectronics STP1612PW05XTTR Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
STP1612PW05
Package mechanical data
Doc ID 15819 Rev 4
33/35
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (4x4) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35